PART |
Description |
Maker |
NDL5551 NDL5551P NDL5551P1C NDL5551P1D NDL5551P2C |
1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs AVALANCHE PHOTO DIODE MODULE 1 000 600 nm的光纤通信50毫米的铟镓砷雪崩光电二极管模
|
NEC, Corp. NEC[NEC]
|
NDL5551P1 NDL5551P2 NDL5553P NDL5553P1 NDL5553P1S |
1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 80 mm InGaAs PIN PHOTO DIODE MODULE 1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 80 mm InGaAs PIN PHOTO DIODE MODULE 1 000 600 nm的光纤通信80毫米铟镓砷PIN光电二极管模
|
NEC, Corp. NEC Corp. NEC[NEC]
|
NDL5471R |
1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 120 mm InGaAs PIN PHOTO DIODE RECEPTACLE MODULE
|
NEC Corp.
|
XCV150-5PQG240I XCV150-5PQG240C XCV300-5PQG240I XC |
XCV150-5PQG240I - NOT RECOMMENDED for NEW DESIGN FPGA, 864 CLBS, 164674 GATES, 294 MHz, PQFP240 XCV150-5PQG240C - NOT RECOMMENDED for NEW DESIGN FPGA, 864 CLBS, 164674 GATES, 294 MHz, PQFP240 XCV300-5PQG240I - NOT RECOMMENDED for NEW DESIGN FPGA, 1536 CLBS, 322970 GATES, 294 MHz, PQFP240 XCV50-5PQG240C - NOT RECOMMENDED for NEW DESIGN FPGA, 384 CLBS, 57906 GATES, 294 MHz, PQFP240 XCV200-5PQG240C - NOT RECOMMENDED for NEW DESIGN FPGA, 1176 CLBS, 236666 GATES, 294 MHz, PQFP240 XCV200-5PQG240I - NOT RECOMMENDED for NEW DESIGN FPGA, 1176 CLBS, 236666 GATES, 294 MHz, PQFP240 100,000 System Gate FPGA - NOT RECOMMENDED for NEW DESIGN FPGA, 600 CLBS, 108904 GATES, 294 MHz, PQFP240 XCV50-5PQG240I - NOT RECOMMENDED for NEW DESIGN FPGA, 384 CLBS, 57906 GATES, 294 MHz, PQFP240 XCV300-5PQG240C - NOT RECOMMENDED for NEW DESIGN FPGA, 1536 CLBS, 322970 GATES, 294 MHz, PQFP240 XCV150-5BGG352C - NOT RECOMMENDED for NEW DESIGN FPGA, 864 CLBS, 164674 GATES, 294 MHz, PBGA352 XCV800-5BGG560C - NOT RECOMMENDED for NEW DESIGN FPGA, 4704 CLBS, 888439 GATES, 294 MHz, PBGA560 100,000 System Gate FPGA - NOT RECOMMENDED for NEW DESIGN FPGA, 600 CLBS, 108904 GATES, 250 MHz, PBGA144 100,000 System Gate FPGA - NOT RECOMMENDED for NEW DESIGN FPGA, 600 CLBS, 108904 GATES, 333 MHz, PQFP144 100,000 System Gate FPGA - NOT RECOMMENDED for NEW DESIGN FPGA, 600 CLBS, 108904 GATES, 294 MHz, PBGA144 100,000 System Gate FPGA - NOT RECOMMENDED for NEW DESIGN FPGA, 600 CLBS, 108904 GATES, 250 MHz, PBGA256 100,000 System Gate FPGA - NOT RECOMMENDED for NEW DESIGN FPGA, 600 CLBS, 108904 GATES, 250 MHz, PQFP240 XCV200-6PQG240C - NOT RECOMMENDED for NEW DESIGN FPGA, 1176 CLBS, 236666 GATES, 333 MHz, PQFP240 XCV50-5CSG144C - NOT RECOMMENDED for NEW DESIGN FPGA, 384 CLBS, 57906 GATES, 294 MHz, PBGA144 XCV300-5BGG432C - NOT RECOMMENDED for NEW DESIGN XCV300-5BGG432I - NOT RECOMMENDED for NEW DESIGN XCV300-5BGG352C - NOT RECOMMENDED for NEW DESIGN XCV600-5FGG680I - NOT RECOMMENDED for NEW DESIGN XCV600-5BGG560I - NOT RECOMMENDED for NEW DESIGN XCV150-4BGG352C - NOT RECOMMENDED for NEW DESIGN XCV150-5BGG256C - NOT RECOMMENDED for NEW DESIGN XCV300-4BGG432I - NOT RECOMMENDED for NEW DESIGN
|
Xilinx, Inc. XILINX INC
|
SPA513 |
1 AMP, 15,000 to 20,000 VOLTS HIGH VOLTAGE RECTIFIER BRIDGE STACK
|
SSDI[Solid States Devices, Inc]
|
ATMEGA128A1 |
Write/Erase cycles: 10,000 Flash/100,000 EEPROM
|
ATMEL Corporation
|
X150FG X200FG |
15,000 V - 20,000 V Rectifiers 25 mA - 50 mA Forward Current 200 ns Recovery Time
|
VMI[Voltage Multipliers Inc.]
|
SRH20HFS SRH20HFSMSS |
1.5 AMP 2,000 - 3,000 VOLTS HYPER FAST RECOVERY HIGH VOLTAGE RECTIFIER
|
Solid States Devices, I...
|
SXF6521 |
2,000 V - 5,000 V Rectifiers 0.15 A - 0.50 A Forward Current 70 ns Recovery Time 0.5 A, 2000 V, SILICON, SIGNAL DIODE
|
Voltage Multipliers, Inc.
|
SMF6531 SMF6533 SMF6529 |
2,000 V - 5,000 V Rectifiers 0.05 A - 0.25 A Forward Current 70 ns Recovery Time
|
VMI[Voltage Multipliers Inc.]
|
1N6839 1N6836 1N6837 1N6838 |
2,000 V - 5,000 V Rectifiers 0.5 A - 1.5 A Forward Current 30 ns - 50 ns Recovery Time
|
VMI[Voltage Multipliers Inc.] ETC
|
|